Part Number Hot Search : 
11600 F1003 32MHD EN2006 H224K MC3479 540GTG 1009I
Product Description
Full Text Search
 

To Download SD-95502-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0955022643 status: active overview: modular_plugs_jacks description: modular jack, through hole version, bottom entry, 6/4 circuits documents: 3d model product specification ps-95502-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e107635 general product family modular jacks/plugs series 95502 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 200 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation bottom entry pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 50.8 plating min: mating (m) 1.27 plating min: termination (in) 76 plating min: termination (m) 1.9 ports 1 positions / loaded contacts 6/4 surface mount compatible (smc) yes temperature range - operating -40c to +80c termination interface: style through hole waterproof / dustproof no wire/cable type n/a electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 95502 series mates with 90075 fcc 68 plug
current - maximum per contact 1.5a shielded no voltage - maximum 125v dc material info reference - drawing numbers packaging specification pk-95002 product specification ps-95502-001 sales drawing SD-95502-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-95502-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X